Part Number Hot Search : 
A4910 SRU1063 GBPC35 CMT18N20 S222M PST3809 T4110M 38ECP
Product Description
Full Text Search
 

To Download EP21S1D1ABE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K EP Series Sealed Tiny Pushbutton Switches
Features/Benefits * Sealed against solder & * * * *
cleaning processes Thru-hole and surface mount models Snap-fitting actuator accepts standard caps Tape & reel packaging available RoHS compliant models available
Typical Applications * Telecommunications and
networking equipment * Computers and peripherals * Instrumentation and controls
A Pushbutton
Models Available
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or DC max. See page A-11 for additional ratings. ELECTRICAL LIFE: EP11, EP21 models: 60,000 make-and-break cycles at full load. EP12 models: 30,000 cycles. CONTACT RESISTANCE: Below 20 m typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level. OPERATING TEMPERATURE: -30C to 85C. SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E method 9 (1 hour steam aging). DEGREE OF PROTECTION: IP57; Protection against harmful dust deposit, full-scale voltage protection, temporary immersion. PACKAGING: Surface mount switches standard in anti-static tape and reel packaging per EIA 481-3, see page A-12 for drawings and reel information. Tape and cover strip are conductive for use near statically sensitive components, consult Customer Service Center.
Materials
CASE & BUSHING: Glass filled nylon 6/6, flame retardant, heat stabilized (UL 94V-0). SA surface mount: High temperature material, glass filled nylon 4/6, flame retardant, heat stabilized (UL 94V-0). PLUNGER: Thermoplastic polyester or glass filled nylon (UL 94V-0), with internal o-ring seal. SA surface mount: High temperature material, glass filled nylon 4/6, flame retardant, heat stabilized (UL 94V-0). SWITCH SUPPORT: Brass, matte-tin plated. CONTACTS & TERMINALS: B contact material: Copper alloy, with gold plate over nickel plate. See page A-11 for additional contact materials. TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q, B, P, S, R or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. CAUTION: PC mounting layouts and pads as shown are designed to be compatible with the latest equipment and reflow techniques. Care should be taken in the design and location of PC lands to suit individual needs. Orientation relative to reflow direction may significantly impact solder joint integrity.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages A-8 thru A-11. For additional options not shown in catalog, consult Customer Service Center. All models are process sealed to withstand machine soldering temperatures and pressure wash cleaning methods.
Switch Function EP11 SPST Off-Mom. EP12 SPDT On-Mom. EP21 DPST Off-Mom.
Plunger S .215" high S1 .110" high S2 .465" high FP Flush R Snap-fitting, .215 high Bushing D1 Unthreaded Terminations A Right angle, PC thru-hole C PC Thru-hole AV Vertical right angle, PC thru-hole AV3 Vertical right angle, snap-in, PC thru-hole SA Right angle, surface mount SA1 Right angle, surface mount rear facing V3 Vertical mount, v-bracket V31 Vertical mount, v-bracket, snap-in (EP11 & EP12 only) W Wire wrap
Seal E Epoxy
Contact Material B Gold K Gold, tin-lead P Gold, matte-tin Q Silver M Silver, tin-lead S Silver, matte-tin G Gold over silver L Gold over silver, tin-lead R Gold over silver, matte tin
Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-7
www.ittcannon.com
C&K EP Series Sealed Tiny Pushbutton Switches
A Pushbutton
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 POS. 2 CONNECTED TERMINALS POS. 1 POS. 2
NO. POLES
MODEL NO.
C&K marking on opposite side
C&K marking on opposite side
SCHEMATIC
EP11
SP
OFF
MOM.
OPEN
1-3
SPST
EP12
ON
MOM.
2-1
2-3 SPDT
SPDT
Omit terminal 2 for EP11 models.
Part number shown: EP12SD1CBE
Terminal Nos. For Reference Only
DP
EP21
OFF
MOM.
OPEN
1-3,4-6 DPST
DPST
Terminal Nos. For Reference Only Part number shown: EP21SD1CBE MOM. = Momentary All models with all options when ordered with G, L, M or Q contact material.
PLUNGER
S
.215" HIGH
S1
.110" HIGH
S2
.465" HIGH
FP FLUSH PLUNGER
R
SNAP-FITTING
S1& S2 actuators are not available with EP12 & EP21 models or SA1 termination style.
FP & R actuators are not available with EP21 model or SA1 termination style.
NOTE: Caps available for plunger options, see page A-12.
BUSHING
D1
UNTHREADED
NOTE: Internal actuator o-ring standard. Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-8
www.ittcannon.com
C&K EP Series Sealed Tiny Pushbutton Switches
TERMINATIONS
C
PC THRU-HOLE SP DP SP DP
A
W
WIRE WRAP
Pushbutton
PC MOUNTING
EP11 - Omit center hole.
SP and DP
SP and DP
A
RIGHT ANGLE, PC THRU-HOLE PC MOUNTING
EP12SD1ABE SPDT
EP11 Models: omit terminal 2. EP11 Models: omit thru-hole 2.
A
RIGHT ANGLE, PC THRU-HOLE PC MOUNTING
EP21SD1ABE DPST
AV
VERTICAL RIGHT ANGLE, PC THRU-HOLE
PC MOUNTING
EP12SD1AVBE SPDT
NOTE: Terminal bend radii and lead-in manufacturing option.
EP11 Models: omit terminal 2.
EP11 Models: omit hole 2.
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-9
www.ittcannon.com
C&K EP Series Sealed Tiny Pushbutton Switches
A Pushbutton
AV
VERTICAL RIGHT ANGLE, THRU-HOLE PC MOUNTING
TERMINATIONS
EP21SD1AVBE DPST
NOTE: Terminal bend radii and lead-in manufacturing option.
AV3
VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE PC MOUNTING
EP12SD1AV3BE SPST
EP11 Models: omit hole 2.
SA
RIGHT ANGLE, SURFACE MOUNT
PC MOUNTING
SMT
.320 (8,13)
EP12SD1SAPE SPDT
.410 MAX (10,41) EP11 Models: omit pad 2. EP11 Models: omit terminal 2.
Available with K and P contact materials only. Not Available on DPST models.
SA1
RIGHT ANGLE, SURFACE MOUNT
PC MOUNTING
EP12SD1SA1BE SPDT
SA1 is only available with B contact materials option + S plunger. Not Available on DPST models. Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-10
www.ittcannon.com
C&K EP Series Sealed Tiny Pushbutton Switches
TERMINATIONS
V3 V31
VERTICAL MOUNT, V-BRACKET VERTICAL MOUNT, V-BRACKET, SNAP-IN PC MOUNTING
A Pushbutton
EP11 Models: omit centerhole. V31 SNAP-IN
EP12SD1V3BE SPDT
EP11 Models: omit terminal 2.
V3
VERTICAL MOUNT, V-BRACKET
PC MOUNTING
EP21SD1V3BE DPST
CONTACT MATERIAL
OPTION CODE RoHS COMPLIANT * YES NO YES YES NO YES YES NO YES RoHS COMPATIBLE * YES YES YES YES YES YES YES YES YES GOLD OVER SILVER 2,3 SILVER 4,5 GOLD 1 CONTACT MATERIAL TERMINAL PLATING GOLD
1
RATINGS
B K P Q M S G L R
TIN-LEAD 6 MATTE-TIN 7 SILVER 5 TIN-LEAD 6 MATTE-TIN 7 GOLD 3 TIN-LEAD 6 MATTE-TIN 7
LOW LEVEL/DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
POWER
1 AMP @ 120 V AC OR 28 V DC.
LOW LEVEL/DRY CIRCUIT OR POWER
0.4 VA MAX @ 20 V AC OR DC MAX. OR 1 AMP @ 120 V AC OR 28 V DC.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 2 3 4 5
CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. END CONTACTS: Coin silver, with gold plate over nickel plate. CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. END CONTACTS: Coin silver, silver plated. CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 7
TERMINALS: Copper alloy, with tin-lead alloy over nickel plate. TERMINALS: Copper alloy, with matte tin over nickel plate.
NOTE: Any models supplied with Q, B P, S ,R or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options when ordered with G, L, M, S, R or Q contact material.
SEAL
E
EPOXY SEAL
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-11
www.ittcannon.com
C&K EP Series Sealed Tiny Pushbutton Switches
A Pushbutton
Cap Cap
AVAILABLE HARDWARE
Cap Compatible with snap-fitting plungers EP11 & EP12 Models. R option only. Cap Compatible with snap-fitting plungers EP11 & EP12 Models. R option only.
.200 DIA. (5,08E)
.155 (3,94)
.310 DIA. (7,87E)
.152 (3,86)
.100 (2,54) PART NO. PART NO.
.080 (2,03) PART NO. PART NO.
508101000 WHITE 508102000 BLACK 508103000 RED
Material: Nylon Finish: Gloss Not for use on S1 plunger
465801000 WHITE 465802000 BLACK 465803000 RED
Material: Nylon Finish: Gloss Not for use on S1 plunger
585A01000 WHITE 585A02000 BLACK 585A03000 RED
Material: Nylon Finish: Gloss
785A01000 WHITE 785A02000 BLACK 785A03000 RED
Material: Nylon Finish: Gloss
NOTE: Other colors available, consult Customer Service Center.
TAPE & REEL
For part number EPXX-SA
REEL INFORMATION OUTSIDE DIAMETER PILOT HOLE QUANTITY PER REEL 13.00 (330,0) .512 (13,0) 600
EP11SDISAPE
EP11FPDISAPE
For part number EPXX-SA1
REEL INFORMATION OUTSIDE DIAMETER PILOT HOLE QUANTITY PER REEL 13.00 (330,0) .795 (20,20) 500
Third Angle Projection Dimensions are shown: Inches (mm) Specifications and dimensions subject to change
A-12
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of EP21S1D1ABE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X